Part Number Hot Search : 
M3062LFG 78P2243 1027PCP7 19410 DM0265RN FRE9160H SGW10N60 4117A
Product Description
Full Text Search
 

To Download 87568-2443 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/20/2010 please check www.molex.com for latest part information part number: 0875682443 status: active description: 2.00mm (.079") pitch milli-grid? cable-to-board receptacle, dual row, idt, lead- free, 24 circuits, 0.38mm (.015") gold (au) selective plating, with center polarization key, without locking friction ramp documents: 3d model product specification ps-87568-004 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family idt and solder connectors series 87568 crimp quality equipment yes product name milli-grid? use with 87569-1024 strain relief (optional) physical circuits (loaded) 24 color - resin black durability (mating cycles max) 100 flammability 94v-0 gender female glow-wire compliant no lock to mating part none material - metal copper alloy material - resin polyester number of rows 2 packaging type tray panel mount no pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm polarized to mating part yes stackable no temperature range - operating -20c to +85c termination interface: style idt or pierce wire size awg 28 electrical current - maximum per contact 1a voltage - maximum 125v material info reference - drawing numbers product specification ps-87568-004 sales drawing sd-87568-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87568 series mates with 87831 vertical pcb header, 87832 surface mount pcb header, 87833 right angle pcb header application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # idt ribbon cable adapter kit for 2.00mm milli-grid? 0621002400 idt - manual - handtool 0621002000 manual press with idt ribbon cable tool kit 0621002200
idt - manual - tool kit 0621003200 this document was generated on 04/20/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 87568-2443

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X